Part Number Hot Search : 
SSA187 1N2999C KSC5025 S12BDMV4 MK316B 271MH M48T86 MK316B
Product Description
Full Text Search
 

To Download CCF55261KFKE36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCF55, CCF60
Vishay Dale
Metal Film Resistors, Industrial, 1% Tolerance
FEATURES
* Power Ratings: 1/4, 1/2, 3/4 and 1 watt at + 70C * 100ppm/C temperature coefficient * Superior electrical performance * Flame retardant epoxy conformal coating * Standard 5 band color code marking for ease of identification after mounting * Tape and reel packaging for automatic insertion (52.4mm inside tape spacing per EIA-296-E) * Lead (Pb)-Free version is RoHS Compliant
Pb-free Available
e3
RoHS*
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL HISTORICAL MODEL POWER RATING P70C W 0.25 / 0.5 0.50 / 0.75 / 1.0 LIMITING ELEMENT VOLTAGE MAX. V 250 500 TEMPERATURE COEFFICIENT ppm/C 100 100 TOLERANCE % 1 1 RESISTANCE RANGE E-SERIES
10R - 3.01M 10R - 1M 96 96
CCF55 CCF60
CCF-55 CCF-60
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C Maximum Working Voltage Insulation Voltage (1min) Dielectric Strength Insulation Resistance Operating Temperature Range Terminal Strength (pull test) Weight UNIT W V Veff VAC C lb g CCF55 0.25 / 0.5 250 500 450 10
11
CCF60 0.5 / 0.75 / 1.0 500 500 450 1011 -65 / +165 2 0.75 max
-65 / +165 2 0.35 max
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CCF55301RFKR36 (preferred part numbering format)
C
GLOBAL MODEL CCF55 CCF60
C
F
5
5
3
0
1
R
F
K
R
3
6
PACKAGING SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
RESISTANCE VALUE R = Decimal K = Thousand M = Million 10R0 = 10 680K = 680K 1M00 = 1.0M
TOLERANCE CODE F = 1%
TEMPERATURE COEFFICIENT K = 100ppm
E36 = Lead (Pb)-Free, T/R (5000 pcs) R36 = Tin/Lead, T/R (5000 pcs)
Historical Part Number example: CCF-553010F (will continue to be accepted)
CCF-55
HISTORICAL MODEL
3010
RESISTANCE VALUE
F
TOLERANCE CODE
R36
PACKAGING
* Pb containing terminations are not RoHs compliant, exemptions may apply
www.vishay.com 16 For Technical Questions, contact ff3dresistors@vishay.com Document Number: 31015 Revision 05-Oct-05
CCF55, CCF60
Metal Film Resistors, Industrial, 1% Tolerance
DIMENSIONS in inches [millimeters]
A E
Vishay Dale
C Max.
B
D
GLOBAL MODEL CCF55 (Sn/Pb) CCF55 (Sn) CCF60
A 0.245 0.020 [6.22 0.51] 0.245 0.020 [6.22 0.51] 0.344 0.031 [8.74 0.79]
B 0.090 0.008 [2.29 0.20] 0.090 0.008 [2.29 0.20] 0.139 0.009 [3.53 0.23]
RATED POWER IN %
120
C
(Max.)
D 0.025 0.002 [0.64 0.05] 0.023 0.002 [0.60 0.05] 0.025 0.002 [0.64 0.05]
E 1.100 0.040 [27.94 1.02] 1.100 0.040 [27.94 1.02] 1.000 0.040 [25.40 1.02]
0.265 [6.73] 0.265 [6.73] 0.400 [10.16]
RESISTANCE VALUES
Vishay Dale Models CCF55 and CCF60 are available in the standard 96 resistance values per decade. Values are obtained from the following decade table by multiplying by powers of 10. As an example: 30.1 can represent 30.1 ohm, 301 ohm, 3.01 kohm, 30.1 kohm or 301 kohm. 10.0 10.2 10.5 10.7 11.0 11.3 11.5 11.8 12.1 12.4 12.7 13.0 13.3 13.7 14.0 14.3 14.7 15.0 15.4 15.8 16.2 16.5 16.9 17.4 17.8 18.2 18.7 19.1 19.6 20.0 20.5 21.0 21.5 22.1 22.6 23.2 23.7 24.3 24.9 25.5 26.1 26.7 27.4 28.0 28.7 29.4 30.1 30.9 31.6 32.4 33.2 34.0 34.8 35.7 36.5 37.4 38.3 39.2 40.2 41.2 42.2 43.2 44.2 45.3 46.4 47.5 48.7 49.9 51.1 52.3 53.6 54.9 56.2 57.6 59.0 60.4 61.9 63.4 64.9 66.5 68.1 69.8 71.5 73.2 75.0 76.8 78.7 80.6 82.5 84.5 86.6 88.7 90.9 93.1 95.3 97.6
100 80 60 40 20 0 -65 -50 -25 0 25 50 70 75 100 125 150 165 175 200 AMBIENT TEMPERATURE IN C
DERATING MARKING
-- Color band
PERFORMANCE
POWER RATING @ + 70C CCF55 CCF60 TEST* Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock / Bump Vibration Life Terminal Strength Dielectric Withstanding Voltage 1/4 watt 1/2 watt MAXIMUM R 0.5% 0.5% 0.5% 1.5% 0.5% 0.5% 0.5% 0.5% 0.2% 0.5% 1/2 watt 3/4 watt and 1 watt MAXIMUM R 1.0% -
* Test Methods per MIL-STD-202G/IEC 60115/DIN EN 140000 (as applicable).
Document Number: 31015 Revision 05-Oct-05
For Technical Questions, contact ff3dresistors@vishay.com
www.vishay.com 17


▲Up To Search▲   

 
Price & Availability of CCF55261KFKE36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X